PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
74VCXH32245LBR 74VCXH32245 74VCXH32245LB |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER(3-STATE) WITH 3.6V TOLERANT INPUT AND OUTPUT LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 低电压CMOS 32位总线收发器(3 - TOLERANTAT国家.6V的输入和输出
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
2N5754 2N5755 2N5756 2N5757 |
2.5-A silicon triac. Voltage(typ) 600 V. 2.5-A silicon triac. Voltage(typ) 400 V. 2.5-A silicon triac. Voltage(typ) 200 V. 2.5-A silicon triac. Voltage(typ) 100 V. 2.5-A Silicon Triacs
|
General Electric Solid State Solid State Optronic N.A.
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
K6T4016U3C K6T4016U3C-B K6T4016U3C-F K6T4016U3C-RB |
256Kx16 bit Low Power and Low Voltage CMOS Static RAM Surface Mount Resistors Thick Film Chip Resistors 256Kx16 bit Low Power and Low Voltage CMOS Static RAM 256Kx16位低功耗和低电压的CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
LP2950-3.0 |
100 mA low-dropout voltage regulator. Output voltage(typ) 3.0V. Accuracy 1.0%.
|
Contek Microelectronics
|
SMCG5643A SMCJ5637 SMCG5653 SMCJ5660 SMCJ5661A SMC |
Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB Zener Diode; Zener Voltage Typ, Vz:200V; Vz Test Current, Izt:65mA; Power Dissipation, Pd:50W; Package/Case:DO-5; Mounting Type:Through Hole 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Exclusive-NOR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-NOR Gate 14-PDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-CDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SOIC -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-PDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-CDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-TSSOP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SO -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-TSSOP -55 to 125 CMOS Quad Exclusive-NOR Gate 14-CDIP -55 to 125
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
E0C6S48 |
Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|