PART |
Description |
Maker |
74LVX161284AMTD 74LVX161284A |
Low Voltage IEEE 161284 Translating Transceiver
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVX161284A 74LVX161284AMTD 74LVX161284AMTX |
Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild Semiconductor
|
74LVXZ161284MTD 74LVXZ161284MTX 74LVXZ161284MEA 74 |
Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
|
FAIRCHILD[Fairchild Semiconductor]
|
74VHC161284 74VHC161284MEAX 74VHC161284MEA |
IEEE 161284 Transceiver IEEE 1284 Transceiver 17-Bit Bus Transceiver
|
Fairchild Semiconductor
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MC13201FC MC13201FCR2 |
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
PCI-1671UP |
IEEE-488.2 Interface Low Profile Universal PCI Card
|
Advantech
|
ADF7242 ADF7242BCPZ-RL EVAL-ADF7242DB1Z |
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
|
Analog Devices
|
MAX24188 MAX24188ETK |
Low-Cost IEEE 1588 Clock Low-Cost IEEE 1588 Clock
|
Maxim Integrated Products Maxim Integrated Produc...
|
MC132333C MC1323X MC13233CR2 MC1323X1 |
Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE? 802.15.4 Standard
|
Freescale Semiconductor, Inc
|
FW801A FW801A-DB |
Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
|
AGERE[Agere Systems]
|