PART |
Description |
Maker |
CM75DU-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
IRF710 FN2310 |
2.0A, 400V, 3.600 Ohm,N-Channel PowerMOSFET(2.0A, 400V, 3.600 Ohm,N娌??澧?己?????OS?烘?搴??) From old datasheet system 2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET 2 A, 400 V, 3.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
HARRIS SEMICONDUCTOR Intersil Corporation
|
2MBI600NT-060 |
600 A, 600 V, N-CHANNEL IGBT
|
Vishay Intertechnology, Inc.
|
MGP11N60ED_D ON1850 MGP11N60ED ON1849 |
IGBT IN TO-220 11 A @ 90C15 A @ 25C 600 VOLTS From old datasheet system SHORT CIRCUIT RATED LOW ON-VOLTAGE 15 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
ON Semiconductor
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
MTB6N60E1_D MTB6N60E1 ON2447 MTB6N60 MTB6N60E1-D |
TMOS POWER FET 6.0 AMPERES 600 VOLTS 6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS E-FET High Energy Power FET D2PAK-SL Straight Lead N-Channel Enhancement-Mode Silicon Gate
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
CYW2331 CYW2331ZITR |
PLL FREQUENCY SYNTHESIZER, 2000 MHz, PDSO20 Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
|
Cypress Semiconductor Corp. http://
|
APM2700ACC-TRG |
2000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET GREEN, PLASTIC PACKAGE-6
|
Anpec Electronics, Corp.
|
PPHR70L60A |
Insulated Gate Bipolar Transistor; Package: TO-254; VCE(sat) (V): 1.6; t(on) (nsec): 115; IC (A): 70; PD (W): 300; E(off) (mJ): 15; Rq: 0.4; Qg(on) (nC): 150; t(off) (nsec): 1700; BV(CES) (V): 600; VGE(th) (V): 3 70 A, 600 V, N-CHANNEL IGBT
|
Microsemi, Corp.
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
FGAF40N60UFTU FGAF40N60UFTUNL |
Ultrafast IGBT; Package: TO-3PF; No of Pins: 3; Container: Rail 40 A, 600 V, N-CHANNEL IGBT Ultrafast IGBT 40 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp.
|
T7600130 T7601230 T7602030 T7601630 T7600430 T7600 |
Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1000 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1200 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 600 V, SCR Phase Control SCR (300 Amperes Average 2000 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|