PART |
Description |
Maker |
C380A C380B C380D C380C C380E C380PA |
The C380 Series of high power devices feature the proven, all-diffused construction used in the C180 Series
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
NM2012NR82M-T |
Multilayer Chip Power Inductors (CK series P type/NM series)
|
Taiyo Yuden (U.S.A.), Inc
|
NM2012N1R0M-T |
Multilayer Chip Power Inductors (CK series P type/NM series)
|
Taiyo Yuden (U.S.A.), Inc
|
CEP124 CEP124NP-0R8MC-H CEP124NP-1R4MC-H CEP124NP- |
Power Inductors Power Inductors Type: CEP Series Power Inductors<SMD Type: CEP Series> 1 ELEMENT, 1.4 uH, MANGANESE-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors<SMD Type: CEP Series> 1 ELEMENT, 0.8 uH, MANGANESE-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductors<SMD Type: CEP Series> 功率电感\u003cSMD Type: CEP Series\u003e
|
SUMIDA CORPORATION. Sumida, Corp.
|
CEPH14906 CEPH149NP-1R0MC CEPH149NP-2R4MC CEPH149N |
CEPH149 1 ELEMENT, 2.4 uH, MANGANESE-ZINC-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor SMD Type : CEPH Series Power Inductor< SMD Type : CEPH Series> Power Inductor< SMD Type : CEPH Series
|
Sumida, Corp. Sumida Corporation
|
MAPD-008762-ES0001 |
E-Series 2-way 90° Power Divider E-Series 2-way Power Divider 120 - 160 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
CR54 CR54NP-3R3MB CR54NP-3R3MC CR54NP-2R7MB CR54NP |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
SUMIDA CORPORATION.
|
RCH855NP-4R1M RCH855NP-3R3M RCH855NP-2R5M RCH855NP |
1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR Power Inductor , Pin Type: RCH Series Power Inductor< Pin Type: RCH Series> Power Inductor Pin Type: RCH Series
|
SUMIDA CORPORATION.
|
RCP095NP-122J RCP095NP-122J-50 RCP095NP-122K RCP09 |
POWER INDUCTORS < Pin Type: RCP Series > POWER INDUCTORS < Pin Type: RCP Series > 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RCP Series > POWER INDUCTORS < Pin Type: RCP Series > POWER INDUCTORS , Pin Type: RCP Series > POWER INDUCTORS , Pin Type: RCP Series > 1 ELEMENT, 82000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39000 uH, GENERAL PURPOSE INDUCTOR
|
Sumida, Corp. Sumida Corporation
|