PART |
Description |
Maker |
TMG8C60 |
TRIAC(NON-ISOLATED TYPE)
|
SANREX[SanRex Corporation]
|
TG35F TG35F40 |
TRIAC (ISOLATED TYPE)
|
SANREX[SanRex Corporation]
|
TG25C60 TG25E50 TG25F60 TG25C20 TG25C30 TG25C40 TG |
ISOLATED TRIAC MOLD TYPE TERMINAL
|
SanRex List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BTA16-600BW3G BTA16-800BW3G BTA16-600BW3 |
Triac, 3 Quadrant Internally Isolated, 50 mA I-GT, 16 A I-T(RMS) Triacs Silicon Bidirectional Thyristors 600V 16 A, 50mA Igt 3 Quadrant Internally Isolated Triac
|
ON Semiconductor
|
BTA16-600SW3G BTA16-600SW3 |
Triac, 3 Quadrant Internally Isolated, 10 mA I-GT, 16 A I-T(RMS) 600V 16 A, 10mA Igt 3 Quadrant Internally Isolated Triac
|
On Semiconductor
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
TMG8CQ60F |
TRIAC(Through Hole/Isolated)
|
SANREX[SanRex Corporation]
|
TMG8CQ60 |
TRIAC(Through Hole/Non-isolated)
|
SANREX[SanRex Corporation]
|
TMG3C80C |
TRIAC(Though Hole /Non-isolated)
|
SANREX[SanRex Corporation]
|
TMG2DQ60F |
TRIAC(Through Hole/Isolated)
|
SANREX[SanRex Corporation]
|