PART |
Description |
Maker |
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74LVTH273WM 74LVTH273 74LVTH273MTC 74LVTH273MTCX_N |
Low Voltage Octal D-Type Flip-Flop with Clear
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LVQ374SD MC74LVQ374 MC74LVQ374DT MC74LVQ374DW |
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
|
MOTOROLA[Motorola, Inc]
|
TC7MA373FK |
LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
Toshiba Semiconductor
|
TC7MZ373FK07 TC7MZ373FK |
Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
74LVT574MSA08 74LVTH574SJ-08 74LVTH574WM-08 |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
|
Fairchild Semiconductor
|
TC7MZ573FK |
LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
74LVX57405 MTC20 74LVX574M 74LVX574MTC 74LVX574SJ |
Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC7MZ373FK |
LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
MC74LCX541DWG MC74LCX54105 MC74LCX573DWG MC74LCX57 |
Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
|
ONSEMI[ON Semiconductor]
|