PART |
Description |
Maker |
LT3150CGNTR LT3150-15 |
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.8 A SWITCHING CONTROLLER, 1900 kHz SWITCHING FREQ-MAX, PDSO16
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
ISL652504 ISL6525CBZ ISL6525 ISL6525CB ISL6525CB-T |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO14
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RGP30D RGP30J RGP30M RGP30A RGP30B RGP30K |
3.0 Amp FAST SWITCHING MEGARECTIFIERS
|
First Components Intern... First Components International
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ZL2004ALNNT1 |
Adaptive Digital DC-DC Controller with Current Sharing; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC32
|
Intersil, Corp.
|
RGP20J RGP20A RGP20B RGP20D RGP20G |
2.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
|
FCI[First Components International]
|
RGP10A |
1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
|
First Components Intern...
|
ISL8009AIRZ-T |
1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 8-DFN T&R 2.6 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO8
|
Intersil, Corp.
|
ISL8014IRZ-T |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 6.6 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|
LT1777ISPBF LT1777ISTR LT1777CS LINEARTECHNOLOGYCO |
Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
LINEAR TECHNOLOGY CORP
|