PART |
Description |
Maker |
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
AT73C202 |
Power Management for Mobiles (PM) 2-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA49 The AT73C202 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with state-of-the-art cellular phones, for example with 2.5G GSM phones. It includes all required power supplies tailored to be ful
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
MAX5945CAX-T MAX5945CAXT |
Quad Network Power Controller for Power-Over-LAN 4-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO36
|
Maxim Integrated Products, Inc.
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
TDA16846 TDA16847 TDA1684603 TDA16846-2 TDA16847-2 |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
|
Infineon Technologies AG
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
RMPA2271 |
WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
|
FAIRCHILD[Fairchild Semiconductor]
|
2SD1254 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|