PART |
Description |
Maker |
PIC12CE518-04/SN PIC12CE518-04E/SM PIC12CE518-04I/ |
8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory GIGABASE 350 CAT5E PATCH 6 FT, NON BOOT, PURPLE HDMI (F) TO DVI (M) 24 PIN SWIVEL ADAPTER Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory 8引脚8位微控制器的CMOS EEPROM数据存储 IC-SM-8-BIT MCU 集成电路位微控制
|
Microchip Technology Inc. Microchip Technology, Inc. Cinch Connectors
|
MAX543 MAX543ACPA MAX543ACSA MAX543ACWE MAX543AEJA |
CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 CMOS, 12-Bit, Seral-Input Multiplying DAC SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP8 DIODE, SM, TRANS SUP, 17VWM, 600W, 5%, UNI-DIRECT, DO-214AA Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-24 RoHS Compliant: No From old datasheet system
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PIC12F636-I/SL PIC12F636-I/SN PIC12F636-I/SS PIC12 |
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology 8/14-Pin,基于Flash的纳瓦技术的8位CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
PIC16F767 PIC16F767-I_P PIC16F7X7 |
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
RFPIC12C509 RFPIC12C509AF RFPIC12C509AG |
18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter 18/20-Pin 8-Bit CMOS Microcontroller
with UHF ASK/FSK Transmitter From old datasheet system
|
Microchip Technology
|
PIC12F615-E/MD PIC12F609-I/P PIC12F615-E/MDQTP PIC |
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers 8引脚闪存的基础上,8位CMOS微控制器 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers 8引脚闪存的基础上,8CMOS微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|