PART |
Description |
Maker |
IR1110 |
SOFT START CONTROLLER IC 软起动控制器芯片 Soft Start Controller IC in a 64-lead MQFP package
|
International Rectifier, Corp.
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
MT92303/PR/GP1N |
A/MU-LAW, PCM CODEC, PQFP44 MQFP-44
|
Zarlink Semiconductor, Inc.
|
IR21381 IR21381QPBF IR22381 |
600V, 3 Phase IGBT Driver best suited for AC motor drive applications packaged in a 64 lead MQFP 1200V, 3 Phase IGBT Driver best suited for AC motor drive applications packaged in a 64 lead MQFP
|
International Rectifier
|
DS5003FPM-16 |
8-BIT, MICROPROCESSOR, PQFP80 ROHS COMPLIANT, MQFP-80
|
Maxim Integrated Products, Inc.
|
IDT70V9079L15PF IDT70V9079L15PFI IDT70V9089L15PF I |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Bulk 64K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
SRAM Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AD7723BS-REEL AD7723BSZ AD7723BSZ1 AD7723BSZ-REEL1 |
16-Bit, 1.2 MSPS, CMOS Sigma-Delta ADC; Package: MQFP (13.90mm wide); No of Pins: 44; Temperature Range: Industrial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL/PARALLEL ACCESS, PQFP44 16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
|
Analog Devices, Inc.
|
PACVGA201QR |
VGA Port Companion Circuit 16-Pin QSOP Package
|
California Micro Devices Corp
|
ISL5829 ISL5829INZ |
Dual 12-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PQFP48 D/A Converter, Dual, 12 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
IDT70P24L25BYI IDT70P25L25BF IDT70P25L25BFI IDT70P |
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM 4K X 16 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
80A5101 80A5151 |
3-1/2 Digit A/D, w/ Hold, 0C to 70C, 44-MQFP, TRAY 逻辑IC 3-1/2 Digit A/D, w/ Hold, -25C to 85C, 40-CERDIP 600mil, TUBE
|
Zarlink Semiconductor, Inc.
|
IDT70V05 IDT70V05L IDT70V05L25G IDT70V05L25J IDT70 |
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM P-Channel 2.5V Specified PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
|