PART |
Description |
Maker |
LC87F5932A |
CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
LC87F1A32A |
CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
|
Sanyo Semicon Device
|
LC87F2832A09 |
FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
P4C1256-15SMLF P4C1256-15JMBLF P4C1256-25JMBLF P4C |
HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 12 ns, CDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 15 ns, CDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 12 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 15 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 20 ns, CDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 35 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 45 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 25 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 20 ns, CDFP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 15 ns, PDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 45 ns, CDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 25 ns, CDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 45 ns, PDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 45 ns, PDSO28 HIGH SPEED 32K x 8 STATIC CMOS RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 Automotive Relays; V23232A0001X005-EV-808 ( Tyco Electronics )
|
Pyramid Semiconductor Corporation SRAM Pyramid Semiconductor, Corp.
|
LC872H04A LC872H06A LC872H08A |
CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
WS57C256F WS57C256F-35 WS57C256F-35C WS57C256F-35D |
-WS57C256F MILITARY HIGH SPEED 32K X 8 CMOS EPROM 32K X 8 OTPROM, 55 ns, PDIP28 HIGH SPEED 32K x 8 CMOS EPROM 高2K的8的CMOS存储
|
SGS Thomson Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LC87F1HC4A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
AM27C256 AM27C256-120DC AM27C256-120DCB AM27C256-1 |
256 Kilobit (32 K x 8-Bit) CMOS EPRO 256 Kilobit (32 K x 8-Bit) CMOS EPROM Quad 2-input positive-OR gates 14-PDIP 0 to 70 Quad 2-input positive-OR gates 14-SO 0 to 70 Universal shift / storage registers 20-PDIP 0 to 70 8-input positive-NAND gates 14-SO 0 to 70 Quad 2-input positive-OR gates 14-SOIC 0 to 70 Quad 2-input positive-OR gates 14-SSOP 0 to 70 8-Line To 3-Line Priority Encoder 16-SOIC 0 to 70 32K X 8 UVPROM, 70 ns, CDIP28 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 45 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 120 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 200 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 90 ns, PDIP28 Hex Bus Drivers With 3-State Outputs 16-PDIP 0 to 70 32K X 8 OTPROM, 90 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 120 ns, CDIP28 Quad 2-input positive-NOR buffers with open collector outputs 14-SOIC 0 to 70 32K X 8 UVPROM, 55 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 150 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 250 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 55 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Rochester Electronics, LLC ADVANCED MICRO DEVICES INC
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
|