PART |
Description |
Maker |
IN74180 IN74180D IN74180N |
9-Bit ODD/EVEN Parity Generators/Checkers
|
IK Semicon Co., Ltd
|
HD74LS280 HD74LS280FPEL HD74LS280P |
9-bit Odd / Even Parity Generator / Checker
|
Renesas Electronics Corporation
|
74HC7080 74HCT7080 |
16-bit even/odd parity generator/checker
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HD74HC180 HD74HC180FP |
PARITY GENERATOR/CHECKER|HC-CMOS|SOP|14PIN|PLASTIC 奇偶产生校验器系列| HC - CMOS制|专科| 14PIN |塑料 8-bit Odd/Even Parity Generator/Checker
|
KEMET Corporation HITACHI[Hitachi Semiconductor]
|
Q67120-D Q67120-C2274 |
High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker 14-SOIC -55 to 125
|
Infineon Technologies AG
|
74ACQ657 74ACTQ657 74ACTQ657SPC 74ACQ657SPC 74ACTQ |
Quiet Series?/a> Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TVSOP -40 to 85 Quiet SeriesOctal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series???? Octal Bidirectional Transceiver with From old datasheet system Quiet Series⑩ Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs Quiet Series?/a> Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866 SSTUA32866EC SSTUA32866EC_G SSTUA32866E |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUH32866EC_G SSTUH32866 SSTUH32866EC SSTUH32866E |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2 RDIMM applications
|
Philips NXP Semiconductors N.V.
|