PART |
Description |
Maker |
FDJ1028N06 FDJ1028N FDJ1028NNL |
20V N-Channel 2.5Vgs Specified PowerTrench MOSFET N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDJ129P FDJ129 |
P-Channel -2.5Vgs Specified PowerTrench MOSFET P-Channel -2.5Vgs Specified PowerTrench? MOSFET P-Channel -2.5 Vgs Specified PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
STT358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
STB160NF02L 7459 |
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF7301 IRF7301TR |
FERRITE BEAD BLM21A601S Power MOSFET(Vdss=20V Rds(on)=0.050ohm) Power MOSFET(Vdss=20V, Rds(on)=0.050ohm) 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRF3706 IRF3706L IRF3706S IRF3706STRL IRF3706STRR |
20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
FDR8702H FDR8702HNL |
20V N & P-Channel PowerTrench MOSFET 20V N & P-Channel PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|