PART |
Description |
Maker |
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
ISL96017UIRT8Z |
128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO8
|
Intersil, Corp.
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS433408 CS4338-KSZ CS4338-DSZ CS4339-KSZ |
8-Pin, 24-Bit, 96 kHz Stereo D/A Converter D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:96kSPS; No. of DACs:2; Data Interface:Serial; Package/Case:8-SOIC; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:18; Operating Temp. Max:70 C RoHS Compliant: Yes
|
CIRRUS LOGIC INC
|
NM25C040EMT8X NM25C040ENX NM25C040EM8X NM25W040LMT |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation
|
EA2-3SNU EA2-6SNP EA2-6SNU EA2-5SNJ EA2-5SNP EA2-5 |
COMPACT AND LIGHTWEIGHT 小巧轻便 CONNECTOR ACCESSORY A/D Converter (A-D) IC; Resolution (Bits):16; Sample Rate:4kSPS; Input Channels Per ADC:1; DNL :0.5LSB; Data Interface:Serial; Package/Case:20-DIP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:16 RoHS Compliant: No Driver IC; Package/Case:28-SSOP; Supply Voltage Max:5V; Leaded Process Compatible:Yes; Number of Channels:3; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Frequency:20GHz; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:6; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:48-LQFP
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX |
From old datasheet system Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85 CAP 331PF 25V CERAMIC X7R 0201 Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PTN3700 PTN3700EG PTN3700EV |
1.8 V simple mobile interface link bridge IC
|
NXP Semiconductors
|