PART |
Description |
Maker |
ZUMT2907A |
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|
ZUMT807-25 ZUMT807-40 |
SOT323 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
|
Diodes Incorporated
|
ZUMT619 ZUMT619TA |
Super323?SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Diodes Incorporated
|
MMST4401 MMST4401-7-F MMST44012 |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANSISTOR NPN 40V SOT323 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
MMST39062 MMST3906-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS PNP BIPOLAR 40V SOT323 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
ZUMTS17H |
SOT323 NPN SILICON PLANAR RF TRANSISTORS
|
Diodes Incorporated
|
ZUMD54C |
SOT323 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
|
Diodes Incorporated
|
MRB81W MRB81 MRB81C MRB81D MRB81T |
DIODE SW DUAL 75V 150MA SOT323 RED LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
BAV99WT-TP |
DIODE SWITCH DUAL 75V SOT323 0.15 A, 75 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BC807W BC808W BC807-25W BC807-40W BC808-40W BC808- |
PNP Silicon AF Transistors General Purpose Transistors - SOT323 package
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
V23870-A1131-B600 V23870-A3132-K600 V23870-A1131-A |
Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx; pigtail Components and FTTx solutions - 1310 nm Tx / 1550 nm Rx, ext. Temp. Range; pigtail Bi-Directional Pigtail SFF Transceiver 155 Mbit/s/ 1310 nm Tx / 1550 nm Rx TRANS PREBIASED NPN 200MW SOT23 TRANS PREBIASED NPN 200MW SOT323 Metalized Polyester Film Radial Lead Capacitor; Capacitance: .22uF; Voltage: 630V; Case Size: 18.5x14.8 mm; Packaging: Bulk Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN 150MW SOT523 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 TRANS PREBIASED NPN SOT323 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米 DIODE ZENER SINGLE 500mW 9.7Vz 20mA-Izt 0.0254 0.1uA-Ir 8 SOD-123 3K/REEL 双向收发器尾纤准系统155兆比秒,1310纳米发射/接收1550纳米
|
INFINEON[Infineon Technologies AG] http:// Infineon Technologies A...
|