PART |
Description |
Maker |
BD6030GSW |
Negative power supply for CCD camera of mobile phones
|
ROHM[Rohm]
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
C4880-80 C4880-80-12A C4880-80-14A C4880-80-22A C4 |
12-bit idigital CCD camera. For faint light observation under a microscope, continuous imaging of high-speed moving objects, kinetic changes in light intensity 10-bit idigital CCD camera. For faint light observation under a microscope, continuous imaging of high-speed moving objects, kinetic changes in light intensity Fast scan multi format Cooled CCD Camera Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; No. of Contacts:22; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
ILX554B |
2048-pixel CCD Linear Sensor(B/W) for CCD IMAGE SENSOR 2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
|
SONY[Sony Corporation]
|
AAT1401 |
FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MAX1802 MAX1802EHJ |
Digital Camera Step-Down Power Supply
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
XC-EU50CE |
CCD Video Camera Module
|
Sony
|
CXD1257AR |
CCD Camera Timing Generator
|
http:// SONY[Sony Corporation]
|
CXD2463R |
Timing Controller for CCD Camera
|
SONY
|
YH-8B58 |
SPECIPICATION FOR COLOR CCD CAMERA
|
Sharp Electrionic Compo...
|
ICX429ALL |
B/W Video Camera CCD Image Sensor
|
SONY
|
C9100-03 |
Electron Multiplying TDI CCD Camera
|
Hamamatsu Corporation
|