PART |
Description |
Maker |
BCM1200-BT BCM1200-BTEM |
Bluetooth® v1.2 Communication Software for Mobile Phones BLUETOOTH-R V1.2 COMMUNICATIONS SOFTWARE FOR MOBILE PHONES BLUETOOTH-R V1.2 COMMUNICATIONS SOFTWARE FOR MOBILE PHONES
|
Broadcom Corporation. BOARDCOM
|
BCM1000-BSP |
BLUETOOTH COMMUNICATIONS SOFTWARE
|
Broadcom Corporation
|
BCM1000-WCE |
Bluetooth® Communications Software for Windows® Mobile 2003 for Pocket PC and Pocket PC Phone Edition
|
Broadcom
|
DFBM-CH120 |
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.1.
|
DELTA[Delta Electronics, Inc.]
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
Q67100-H6035 Q67100-H6216 Q67100-H6420 PEB2465 PEB |
HD UTILITY CART S SH RoHS Compliant: NA ICs for Communications 通信集成电路 ICs for Communications DATACOM, TIME SLOT ASSIGNER, PQCC44
|
SIEMENS AG Infineon Technologies AG
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PA2423MB-EV PA2423 PA2423MB |
2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information 2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
|
SiGe Semiconductor Inc. SIGE[SiGe Semiconductor, Inc.]
|
AN602 |
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards Driver Ics for Automotive Diagnostic Communications Meet ISO9141 Stndards
|
Vishay Siliconix
|
AM1517-012 2711 |
RF & Microwave Transistors Satellite Communications Applications(用于卫星通信的RF和微波晶体管) From old datasheet system SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
BM77SPP03MC2-0004AA BM77SPPS3MC2-0008AA BM77SPP03M |
Bluetooth Module
|
Microchip
|
SBC2015-B |
Bluetooth Modules
|
Smartdesign Technology
|