PART |
Description |
Maker |
BC817-16 BC817-40 BC817-25 |
0.3 Watts NPN Plastic-Encapsulate Transistors
|
Taiwan Semiconductor Company, Ltd
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2SD822 2SD882 2SD882P 2SD882Q |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|叩| 30V的五(巴西)总裁| 3A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN(for the output stage of 3 watts audio amplifier/ voltage regulator/ DC-DC converter and relay driver) NPN SILICON POWER TRANSISTOR NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
|
NEC Corp. NEC[NEC]
|
1SMA5928BT3 1SMA5919B 1SMA5919BT3 1SMA5918BT3 1SMA |
PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
|
Motorola
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
CN301 CN304 CN300 CN302 CN303 |
0.300W General Purpose NPN Plastic Leaded Transistor. 45V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 20 - hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 35V Vceo, A Ic, 50 - 300 hFE 0.300W General Purpose NPN Plastic Leaded Transistor. 25V Vceo, A Ic, 50 - 300 hFE NPN SILICON PLANAR EPITAXIAL TRANSISTORS
|
CDIL[Continental Device India Limited] Continental Device Indi...
|
CD9014C CD9014D CD9014D1 CD9014D3 CD9014E CD9014D2 |
0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 200 - 600 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 100 - 300 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 60 - 150 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 60 - 1000 hFE NPN SILICON PLANAR TRANSISTOR
|
CDIL[Continental Device India Limited]
|
CN453 CN452 |
NPN SILICON PLANAR EPITAXIAL TRANSISTORS 0.900W General Purpose NPN Plastic Leaded Transistor. 80V Vceo, 1.000A Ic, 40 - 150 hFE 0.900W General Purpose NPN Plastic Leaded Transistor. 100V Vceo, 1.000A Ic, 40 - 200 hFE
|
Continental Device Indi... CDIL[Continental Device India Limited]
|
MJ802 |
High-Power NPN Silicon Transistor 30 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA 30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
|
Motorola, Inc. ONSEMI[ON Semiconductor]
|
2SC2383 2SC2383-O 2SC2383-Y 2SC2383-15 |
NPN Plastic Encapsulated Transistor NPN Plastic Encapsulated Elektronische Bauelemente Transistor
|
SeCoS Halbleitertechnol...
|
MJE13003 13003BR MJE13002 |
1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
|
Motorola, Inc
|
MJE1300506 MJE13005G MJE13005 |
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 75 WATTS
|
ONSEMI[ON Semiconductor]
|