PART |
Description |
Maker |
BC847BPDW1T1 BC847CPDW1T1 BC848BPDW1T1 BC846BPDW1T |
Dual General Purpose Amplifier Transistors (NPN PNP)(-45V通用型双放大器晶体管(NPN PNP,SOT-363封装)) 100 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system Dual General Purpose Transistors(NPN/PNP Duals)
|
ON Semiconductor
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
MC1458 MC1458D SA1458N MC1458N MC1558N SA1458 SA14 |
General purpose operational amplifier(???杩???惧ぇ?? General purpose operational amplifier 通用运算放大 General purpose operational amplifier DUAL OP-AMP, 7500 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CMLT3946E CMLT3904E CMLT3906E |
SMD Small Signal Transistor Dual NPN & PNP General Purpose Amplifier SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp.
|
2N4403-T92-B 2N4403-T92-K 2N4403L-T92-B 2N4403L-T9 |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MMBT4403K MMBT4403KQ |
PNP General Purpose Amplifier PNP Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
2N3703_02 2N3703 |
PNP Epitaxial Silicon Transistor PNP General Purpose Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
MSB709-RT1-D MSB709-RT1G |
PNP General Purpose Amplifier Transistor Surface Mount Small Signal Plastic PNP
|
ON Semiconductor
|
JC557 JC556_557_558_3 JC556 JC556B JC557B JC558 JC |
PNP general purpose transistors From old datasheet system PNP general purpose transistor(PNP通用型晶体管)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MPS6518 |
PNP General Purpose Amplifier
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PN2907AL-T92-B PN2907AL-T92-K PN2907A-T92-B PN2907 |
PNP GENERAL PURPOSE AMPLIFIER
|
Unisonic Technologies
|