PART |
Description |
Maker |
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
MC100LVE222 MC100LVE222FAR2 ON0511 MC100LVE222FA |
0.345A, 2.7-5.5V Quad (2In/ 4Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 16-SOIC 0 to 85 Low Voltage 1:15 Differential ±1±2 ECL/PECL Clock Driver From old datasheet system MARKING DIAGRAM Low Voltage 1:15 Differential 12 ECL/PECL Clock Driver Low Voltage 1:15 Differential ÷1÷2 ECL/PECL Clock Driver
|
ONSEMI[ON Semiconductor]
|
AZ100EP16VSLR2 AZ100EP16VSLR1 AZ100EP16VSDR1 |
3.0 V-3.6 V, ECL/PECL differential receiver
|
Arizona Microtek
|
AZ10E116FN AZ100E116FN AZ10E116 |
ECL/PECL Quint Differential Line Receiver
|
AZM[Arizona Microtek, Inc]
|
AZ100E116FN AZ100E116FNR2 AZ10E116FNR2 |
4.2 V-5.46 V, ECL/PECL quint differential line receiver
|
Arizona Microtek
|
AZ10LVEL16VST AZ100LVEL16VS AZ100LVEL16VSD AZ100LV |
ECL/PECL Differential Receiver with Variable Output Swing
|
AZM[Arizona Microtek, Inc]
|
SY89206V |
3.3V/5V 1GHz PECL/ECL Differential Receiver/Buffer 3.3V/5VGHz的PECL ECL差分接收缓冲
|
Micrel Semiconductor, Inc.
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|
AZHEL11 AZM100EL11 AZ100EL11D |
ECL/PECL 1:2 Differential Fanout Buffer ECL / PECL的差:2扇出缓冲
|
Electronic Theatre Controls, Inc. ETC
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100LVE111FN MC100LVE111FNR2 MC100LVE111 MC100LVE |
3.3V ECL 1:9 Differential Clock Driver LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
|
ONSEMI[ON Semiconductor]
|