PART |
Description |
Maker |
XC9572XL-10CSG48C XC9572XL-10CSG48I XC9572XL-10PCG |
High Performance CPLD FLASH PLD, 10 ns, PQFP64 High Performance CPLD FLASH PLD, 10 ns, PQFP100 High Performance CPLD FLASH PLD, 10 ns, PQCC44 High Performance CPLD FLASH PLD, 5 ns, PQFP100 High Performance CPLD FLASH PLD, 10 ns, PBGA48 High Performance CPLD
|
Xilinx, Inc.
|
ATF1504AS ATF1504AS-10AC100 ATF1504AS-10AC44 ATF15 |
High- Performance EE CPLD
|
ATMEL[ATMEL Corporation]
|
XC9536XV-7VQ44I XC9536XV XC9536XV-5PC44C XC9536XV- |
High-performance CPLD
|
XILINX[Xilinx, Inc]
|
XC95144XL-10TQ144I XC95144XL-5TQ100C XC95144XL-7TQ |
XC95144XL High Performance CPLD
|
Xilinx, Inc
|
XC9500XL |
XC9500XL High-Performance CPLD Family
|
XILINX
|
XC95288XV-10CS280C XC95288XV-10CS280I XC95288XV-10 |
Available in small footprint packages High-Performance CPLD
|
Xilinx, Inc
|
ATF1504ASZ-25QI100 ATF1504AS-15QI100 ATF1504AS-15Q |
High-performance EE CPLD, 100 MHz Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:20-27; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Circular Connector; No. of Contacts:22; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:12-22 RoHS Compliant: No DIN Audio Connector; No. of Contacts:3; Contact Termination:Solder; Gender:Male; Terminal Type:Solder RoHS Compliant: Yes High-performance EE CPLD, 70 MHz High- Performance EE CPLD
|
Atmel Corp. ATMEL Corporation
|
XC9572XL XC9536XL XC95144XL XC9572XL-10TQG100C |
Optimized for high-performance 3.3V systems High-Performance CPLD
|
Xilinx, Inc
|
XC9536XV-5CS48C XC9536XV-7VQ44C XC9536XV-7VQ44I XC |
36 macrocells with 800 usable gates High-performance CPLD EE PLD, 7.5 ns, PBGA48 EE PLD, 7.5 ns, PQCC44
|
Xilinx, Inc.
|
XC95144XV XC95144XV-5TQ100C XC95144XV-5TQ100I DS05 |
From old datasheet system High-Performance CPLD Advance Product Specification Metal Connector Backshell; Enclosure Material:Steel; Connector Type:Right-Angle; No. of Positions:25 RoHS Compliant: Yes DB24659 144 macrocells with 3,200 usable gates
|
XILINX[Xilinx, Inc] Xilinx, Inc.
|
XC2C128 XC2C256 XC2C32 XC2C384 XC2C512 XC2C64 |
Industry’s best 0.18 micron CMOS CPLD CoolRunner-II CPLD Family
|
XILINX[Xilinx, Inc]
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|