PART |
Description |
Maker |
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
LTC1517CS5-3.3 15173F LTC1517-3.3 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 From old datasheet system Micropower/ Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
|
Linear Technology, Corp.
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
MAX679C_D MAX679EUA MAX679 MAX679C/D |
Regulated 3.3V Charge Pump
|
Maxim Integrated Products, Inc.
|
SS6845G SS6845GGTR |
Regulated 5V Charge Pump
|
Silicon Standard Corp.
|
AAT3110IGU-4.5-T1 AAT3110IGU-5.0-T1 AAT3110IJS-5.0 |
MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
AAT1501 AAT1501A |
REGULATED CHARGE PUMP DC/DC CONVERTERS
|
AAT[Advanced Analog Technology, Inc.]
|
NIS6201 |
Floating, Regulated Charge Pump
|
ONSEMI[ON Semiconductor]
|
AIC1845 |
Regulated 5V Charge Pump In SOT-23
|
Analog Integrations
|
SP6887ER4-L SP6887ER4-L_TR SP6887ER4-L/TR |
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
|
Exar Corporation
|
LTC3204 LTC3204-3.3 LTC3204-5 LTC3204B-3.3 LTC3204 |
Low Noise Regulated Charge Pump in 2 X 2 DFN
|
Linear Technology
|