PART |
Description |
Maker |
2954798 |
EMG 45-DIO 8E/LP
|
PHOENIX CONTACT
|
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
LPCIE-7230 |
32-CH Isolated DIO Cards
|
List of Unclassifed Manufacturers
|
ZMM55C10 ZMM55C11 ZMM55C12 ZMM55C13 ZMM55C15 ZMM55 |
Surface Mount Zener Dio de
|
SeCoS Halbleitertechnologie GmbH
|
PCIE-7248 |
96/48/24-CH Opto-22 Compatible DIO Cards
|
List of Unclassifed Manufacturers
|
RS401L |
DIO GBR 50V0 4A00 1PH 04SIP RS401L 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diodes, Inc.
|
AEC-6913-A1M-1010 AEC-6913-A2M-1010 |
Design for Industrial Automation, Reliable Design: RS-422/485 10x. DIO
|
AAEON Technology
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
X1227S8IZ-4.5A X1227V8IZ-4.5A X1227V8-2.7 X1227S8Z |
2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM Microprocessor Support IC; Processor Reset Type:Active Low; Supply Voltage Max:5.5V; Package/Case:16-MLP; Leaded Process Compatible:Yes; Packaging:Tape And Reel; Peak Reflow Compatible (260 C):Yes 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, TSSOP-8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, SOIC-8 RTC Module With CPU Supervisor 1 TIMER(S), REAL TIME CLOCK, PDSO8 DIO SUP SM SL05 (SEMT) R
|
http:// Intersil, Corp. Intersil Corporation
|
831C-3J 831C-4 831C-1 831C-1G 831C-1J 831C-2 831C- |
1N4001 DIO RECT 100V DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 - OBSOLETE RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 50V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 DIODE ZENER SINGLE 1000mW 68Vz 3.7mA-Izt 0.05 5uA-Ir 51.7Vr DO41-GLASS 5K/AMMO 83系列成型双酯通孔和表面贴装干簧继电器 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 83系列成型双酯通孔和表面贴装干簧继电器 IC PLL CLK GENERATOR 1:6 32-LQFP 83系列成型双酯通孔和表面贴装干簧继电器 83 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS
|
http:// List of Unclassifed Manufacturers ETC[ETC] Gordos Electronic Theatre Controls, Inc. List of Unclassifed Man...
|