PART |
Description |
Maker |
AZ34063A AZ34063AP-E1 AZ34063AM AZ34063AM-E1 AZ340 |
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1.5A的STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
ADP3000AR-12-REEL ADP3000AR-3.3-REEL ADP3000AR-REE |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
|
Analog Devices
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
LTC1876EG LTC1876 |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator
|
Linear Technology
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
AN8015SH |
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
FAN560209 FAM6502MP45X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
FAN5602MP33X FAN5602MP45X FAN5602MP5X |
Regulated Step-Up/Step-Down Charge Pump DC/DC Converter
|
Fairchild Semiconductor
|
MB3881 MB3881PFF |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Limited Fujitsu Component Limited.
|