PART |
Description |
Maker |
PE87FL1013 |
11 Section Bandpass Filter With SMA Female Connectors Operating From 2 GHz to 4 GHz With a 2 GHz Passband
|
Pasternack Enterprises,...
|
Q62702-G0041 BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
|
Siemens Semiconductor Group
|
11691D 11692D |
11691D Coaxial Directional Coupler, 2 GHz to 18 GHz 11692D Coaxial Dual-Directional Coupler, 2 GHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
PE8254 |
50 Ohm 2.92mm To 2.92mm Phase Shifter Operating From 26.5 GHz to 40 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
|
Pasternack Enterprises,...
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
MAMX-008611-TR1000 MAMX-008611-TR3000 MAMX-008611 |
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
|
MACOM[Tyco Electronics]
|
PE-W22B002 |
WR-22 Instrumentation Grade Waveguide H-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
|
Pasternack Enterprises,...
|
AGR21125E AGR21125EF AGR21125EU |
125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
PE-W90TF006-36 |
WR-90 Flexible Waveguide Twist With a CPR-90G Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|
UPG2163T5N-E2-A UPG2163T5N-E2 UPG2163T5N |
SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
|
CEL[California Eastern Labs]
|