PART |
Description |
Maker |
PS7341 PS7341-1B PS7341L-1B PS7341L-1B-E3 PS7341L- |
HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET 高隔离电引脚DIP OCMOS场效通道OCMOS场效应管
|
NEC[NEC] NEC Corp. NEC, Corp.
|
MDHU100 MDHU102 MDHU104 MDHU105 MDHU108 MDHU109 MD |
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., ... Minmax Technology Co., Ltd.
|
MIR513 MIR526 MIR500 MIR501 MIR502 MIR503 MIR504 M |
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
|
Total Power International MINMAX[Minmax Technology Co., Ltd.]
|
MIHW3000 MIHW3022 MIHW3023 MIHW3026 MIHW3027 MIHW3 |
5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
|
Minmax Technology Co., Ltd.
|
DA03D0303A DA04D1203A DA01D1203A DA02D1203A DA03D1 |
1W DC/DC CONVERTER, DIP-Package, High Isolation 1W DC/DC CONVERTER, DIP-Package, High Isolation
|
Delta Electronics, Inc.
|
DA03D0303A DA01D0503A DH01D0503A DZ01D0503A DB01D0 |
2W DC/DC CONVERTER, DIP-Package, High Isolation 2W DC/DC CONVERTER, DIP-Package, High Isolation
|
Delta Electronics, Inc.
|
PS7341L-1A PS7341L-1A-E3-A PS7341L-1A-E4-A PS7341- |
6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP,高隔离电压1通道光学耦合场效应晶体管
|
California Eastern Laboratories, Inc. CEL[California Eastern Labs]
|
PR32MA11NTZ PR22MA11NTZF |
IT(rms)?.15A, Non-Zero Cross type DIP 6pin SSR TRIGGER OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-6
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
PC900VIQ PC900VI PC900VQ PC900V |
SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,SO LOGIC-GATE-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP SCHMITT-TRIGGER-OUTPUT OPTOCOUPLER,1-CHANNEL,5KV ISOLATION,DIP From old datasheet system
|
Sharp Corp
|
AD688AQ AD688 |
High Precision 0 V Reference ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% High Precision - 10 V Reference
|
Analog Devices, Inc. ANALOG DEVICES INC
|
1571983-1 ADF0404 1-1825002-3 ADF0204 ADF02STTR04 |
Switches Core Program DIP Switches - GD Series, High Feature Line DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDH02S04=DIP SWITCH ( Tyco Electronics ) Slide Switches Pushbutton Switches Snap Action Switches
|
Tyco Electronics
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|