PART |
Description |
Maker |
RO-1.81.8S06 RE-123.3SHP RE-1212SHP RE-3.33.3SP RE |
1 Watt SIP4 & SIP7 Single Output 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RM-XX05S RM-XX09S RM-XX12S RM-XX15S RM-XX3.3S |
0.25 Watt SIP4 Single Output
|
Recom International Power
|
RO-3.305S/EH RO-0505S/EH RO-2405S/EH RO-3.305S/EHP |
1 Watt SIP4 Single Output High Efficiency up to 84%
|
Recom International Pow...
|
P10AU-4818E P10AU-0505E P10AU-0509E P10AU-0512E P1 |
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
|
PEAK[PEAK electronics GmbH]
|
B4809XM |
Isolated 1W Single Output MICRO SIP4 DC/DC Converters
|
Microdc power Technolog...
|
REC10-243.3SRW REC10-123.3SRW REC10-123.3SRWZ REC1 |
10 Watt 1?x 2?Single & Dual Output 10 Watt 1” x 2” Single & Dual Output 10 Watt 1x 2Single & Dual Output 10 Watt 1x 2Single & Dual Output 10瓦特1“2”单 10 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP30-241.5SEW06 RP30-483.3SEWN RP30-2405SEW RP30-2 |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP03-1205DA RPO3-1233SA RP03-1205SA RP03-1212DA RP |
CAP Tantalum-Wet Miniature 6V 60.0 uF /-5% Silver can Axial , TPC - Hilton 3瓦特DIP24 3 Watt DIP24 & SMD, Single & Dual Output 3瓦特DIP24 3 WATT DIP24 & SMD, SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RTS-053.3HP RTS-053.3P RTS-093.3HP RTS-093.3P RTS- |
2 Watt SMD Single & Dual Output 2瓦特贴片 2 Watt SMD Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RJ-3.31.8DHP RJ-3.33.3SHP RJ-0505D RJ-0505DH RJ-05 |
1 Watt DIP14 Single & Dual Output 1 Watt DIP14 Single & Dual Output 1瓦特DIP14
|
RECOM Power Inc. RECOM[Recom International Power] RECOM Electronic GmbH
|