PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
BYM06-400 BYM06-600 BYM06-100 BYM06-50 |
0.5 A, 400 V, SILICON, SIGNAL DIODE 0.5 A, 600 V, SILICON, SIGNAL DIODE 0.5 A, 100 V, SILICON, SIGNAL DIODE 0.5 A, 50 V, SILICON, SIGNAL DIODE
|
Vishay Intertechnology, Inc. Spacecraft Components, Corp.
|
FFM101 FFM102 FM107 FFM107 FFM104 FFM106 FFM105 FF |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
J4248 SV4247US SV4248US SV4249US |
1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE
|
SENSITRON SEMICONDUCTOR
|
RS0115B SPD0801SMS SPD0801SMSS SPD1001SMSS SPD0901 |
SCHOTTKY RECTIFIER 1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER 1 A, 80 V, SILICON, SIGNAL DIODE 1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 90 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
EGF1A EGF1D EGF1C EGF1B |
1.0 Ampere High Efficiency Glass Passivated Rectifier(平均整流电流1.0安培高效率玻璃钝化整流器) 1 A, 150 V, SILICON, SIGNAL DIODE, DO-214AC SR BTS FT 8 ASY 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
RL153G-F 1N4007GH05 1N4007GH03-2 1N4005GH08 |
1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON LTD
|
|