PART |
Description |
Maker |
R12TR244872 R05TR244872 |
INNOLINE DC/DC-Converter INNOLINE直流/直流转换
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
BA6209 BA6209N A5800937 BA6209/N |
R-78Bxx-1.0(L) Series - Innoline Regulated DC-DC Converters; Output Voltage (Vdc): 6.5V; Output Current (A): 1.0A; Features: Efficiency up to 97%,Non From old datasheet system Reversible motor driver Motor Drivers LSIs > DC motor driver > Reversible DC motor driver for one motor
|
Rohm CO.,LTD. ROHM[Rohm]
|
GS8160Z18BGT-200IT GS8160Z18BGT-150IT GS8160Z36BGT |
Dual 2-wide 2-input AND-OR-Invert Gates 14-SOIC 0 to 70 35.7流水线和流量,通过同步唑的SRAM INNOLINE: High Voltage Output Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 86% 35.7流水线和流量,通过同步唑的SRAM Dual 2-wide 2-input AND-OR-Invert Gates 14-PDIP 0 to 70 35.7流水线和流量,通过同步唑的SRAM 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 30V 12A-Ifsm 0.42Vf 1A-IR SOD-123 3K/REEL HIGH CURRENT SCHOTTKY DIODE CAP 1000UF 50V ELECT FC RADIAL
|
GSI Technology http:// Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
ICL7126 ICL7126CPL 1355 ICL7126CQH 7126CPL ICL7126 |
Low power, 3 1/2 digit A/D converter Low Power, 3Digit A/D Converter 低功耗,3?位的A / D转换 Low Power/ 3 Digit A/D Converter Low Power, 3? Digit A/D Converter From old datasheet system Low Power, 3 Digit A/D Converter Low Power, 3? Digit A/D Converter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
DHC2800S DHC2803SE DHC2803SH DHC2805SE DHC2805SK |
5V, 6W DC-DC converter 3.3V, 6W DC-DC converter 6W DC-DC Converter(输出功率6W,高隔离电压的DC-DC转换 6W的DC - DC转换器(输出功率6W,高隔离电压的的DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
BH2221FV |
Standard Linear LSIs > Tuning D/A converter 8bit 12ch D/A converter From old datasheet system
|
ROHM[Rohm]
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
HA16116FP HA16116FPJ HA16121FP HA16121FPJ |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|
M62354AGP |
SERIAL INPUT LOADING, 8-BIT DAC, PDSO16 8bit 6ch D-A converter with buffer8bit 8ch D-A converter with buffer
|
Mitsubishi Electric Corporation
|