PART |
Description |
Maker |
NLAS3699_05 NLAS3699 NLAS3699MN1R2G NLAS369905 |
Dual DPDT Ultra-Low RON Switch
|
ONSEMI[ON Semiconductor]
|
MAX4992 |
Low RON Dual-SPDT/Single-DPDT Analog Switches
|
Maxim Integrated Products
|
NLAS3899B NLAS3899BMNTBG NLAS3899BMNTXG |
Dual DPDT Low RON, Low Capacitance Switch DUAL 2-CHANNEL, DBL POLE DBL THROW SWITCH, QCC16
|
Rectron Semiconductor
|
ISL43145 |
Analog Switch or 2-1 Multiplexer, SPST, Quad, 2xNClosed/2xNOpen, Ron = 18 V, Single or Dual Supply, V to V or 2V to 12V, Ron Matched
|
Intersil
|
ISL43111 |
Analog Switch, SPST, NClosed, Ron = 7 @ +12V, Single Supply +2.4 to +12 Volt, Ron Matched
|
INTERSIL
|
HI-201/883 HI-201HS/883 HI-5051/883 HI-5046A/883 H |
Analog Switch, SPST, Quad, NClosed, Ron = 55, TTL Inputs, Ton 240ns, 80mA Signal Current, CMOS, 883 Compliant Analog Switch, SPST, Quad, NClosed, Ron = 30, TTL Inputs, High Speed, Ton 30ns, 80mA Signal Current, CMOS, 883 Compliant Analog Switch, SPDT, Dual, NClosed/NOpen, Ron = 25, TTL Inputs, 80mA Signal Current, CMOD, 883 Compliant Analog Switch, QPST, Single, NClosed/NOpen, Ron = 50, TTL Inputs, 80mA Signal Current, CMOS, 883 Compliant Analog Multiplexer, Single 8-Channel, Over Voltage Protection, Ron Matching, 883 Compliant
|
Intersil
|
ADG1609BCPZ-REEL7 ADG1609BRUZ ADG1609BRUZ-REEL7 AD |
4.5Ω RON, 4-Channel ±5 V, 12 V, 5 V, and 3.3 V Multiplexer; Package: 16-TSSOP (4.4mm); Temperature Range: -40°C to 125°C 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 4.5 Ω RON, 4-/8-Channel ±5 V, 12 V, 5 V, and 3.3 V Multiplexers 4.5 楼? RON, 4-/8-Channel 隆戮5 V, 12 V, 5 V, and 3.3 V Multiplexers
|
Analog Devices, Inc.
|
DG2741 DG2741DQ-T1 DG2741DS-T1 DG2742 DG2743 DG274 |
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch 低电压,0.8欧姆Ron的双SPST模拟开
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
ADG1409 ADG1408 |
5з ヌax Ron, 4-/8-Channel 5V/12V/V Multiplexers 5зヌ斧罗恩-/8-Channel5V/12V /V的多路复用器 5 ax Ron/ 4-/8-Channel 15V/12V/5V Multiplexers 5з ヌax Ron, 4-/8-Channel 【15V/12V/【5V Multiplexers 5?Μax Ron, 4-/8-Channel ±15V/12V/±5V Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
HI-200 HI-201 |
Analog Switch, SPST, Dual, NClosed, Ron = 55, TTL Inputs, 80mA Signal Current, CMOS Analog Switch, SPST, Quad, NClosed, Ron = 55, TTL Inputs, Ton = 240ns, 80mA Signal Current, CMOS
|
Intersil
|
FSA225707 FSA2257MTCX FSA2257MUX FSA2257L10X FSA22 |
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
|