PART |
Description |
Maker |
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
BF623 Q62702-F1053 |
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4632LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
2SC4476 |
NPN Triple Diffused Planar Silicon Transistor 1800V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
2SC5466 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE. DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING AND HIGH VOLTAGE AMPLIFIER APPLICATIONS.
|
TOSHIBA
|
PS2703-1 PS2703-1-V PS2703-2 PS2703-2-V PS2703-4 P |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS2703-1-V-A PS2703-1-A PS2703-1-V PS2703-1 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
CEL[California Eastern Labs]
|