PART |
Description |
Maker |
ACT4487 ACT4487-D ACT4487-DF ACT4487-DFI ACT4487-D |
CAP .00047UF 1000V METAL POLYPRO 487双收发MIL-STD-1553/1760 ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 487双收发MIL-STD-1553/1760
|
Aeroflex, Inc. AEROFLEX[Aeroflex Circuit Technology]
|
HI-2130 |
Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
|
Holt Integrated Circuits Holt Integrated Circuit...
|
HI-6110 |
MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
|
Holt Integrated Circuit...
|
5962-9466309QXC UT69151-XTE12GCX UT69151-LXE12GCX |
2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA100 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA96 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CQFP100 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CPGA85 2 CHANNEL(S), 1M bps, MIL-STD-1553 CONTROLLER, CQFP132
|
|
HI-2579 HI-2581 |
3.3V MIL-STD-1553/1760 Dual Transceiver
|
Holt Integrated Circuits
|
HI-1573 |
MIL-STD-1553/1760 Monolithic Dual 3.3V Transceivers
|
N.A.
|
CT2581 CT2581-02-XT-P119 CT2578 CT2578-02-CG-F84 C |
CT2578 / CT2581 SIMPLE REMOTE TERMINAL FOR MIL-STD-1553 / 1760 & McAir
|
AEROFLEX[Aeroflex Circuit Technology]
|
BUS-8559-840L BUS-8559-890Q BUS-8559-840Q BUS-8559 |
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER 可变输出的MIL - STD - 1553收发
|
Electronic Theatre Controls, Inc.
|
5962-9306501HYC 5962-9306501HYA 5962-9306515HXC 59 |
Precision, Quad, SPST Analog Switches Low-Voltage, Quad, SPDT, CMOS Analog SwitchReplaces MAX333A High-Voltage, Fault-Protected Analog Multiplexers 2.488Gbps/2.67Gbps 1:4 Demultiplexer with Clock and Data Recovery and Limiting Amplifier 3.3V, 2.5Gbps/2.7Gbps, SDH/SONET 4:1 Serializer with Clock Synthesis 3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC MIL-STD-1553/ARINC Bus Controller/RTU MIL-STD-1553/ARINC总线控制 RTU通讯 Precision, Low-Voltage, SPST CMOS Analog Switch MIL-STD-1553/ARINC总线控制 RTU通讯 2.7Gbps Laser Driver with Modulation Compensation MIL-STD-1553/ARINC总线控制 RTU通讯
|
Richtek Technology, Corp. TE Connectivity, Ltd.
|
ACT4423-DF ACT4423-D ACT4423-DI ACT4423 ACT4423-DF |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|