PART |
Description |
Maker |
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
DCB107 DCC107 DCC407S DCC108 DCC208 DCC308 DCC408S |
DC/DC converter. 25 W output series. Output voltage 5 VDC; output current 2.8 A. Output voltage 12 VDC; output current 0.5 A. Output voltage -12 VDC; output current 0.5 A. Input range 12 V nominal (9-16 VDC). DC/DC converter. 40/50 W output series. Output voltage 5 VDC; output current 5.0 A. Output voltage 12 VDC; output current .83 (.73) A. Output voltage -12 VDC; output current .83 (.73) A. Input range 12 V nominal (9-16 VDC). DC/DC converter. 40/50 W output series. Output voltage 5 VDC; Output current 5.0 A. Output voltage 12 VDC; output current .83(.73) A. Output voltage -12 VDC; output current .83 (.73) A. Input range 110 V nominal (85-140 VDC). DC/DC converter. 40/50 W output series. Output voltage 5 VDC; output current 5.0 A. Output voltage 15 VDC; output current .65 (.58) A. Output voltage -15 VDC; output current .65 (.58) A. Input range 12 V nominal (9-16 VDC). DC/DC converter. 40/50 W output series. Output voltage 5 VDC; output current 5.0 A. Output voltage 15 VDC; output current .65 (.58) A. Output voltage -15 VDC; output current .65(.58) A. Input range 24 V nominal (19-32 VDC). DC/DC converter. 40/50 W output series. Output voltage 5VDC; output current 5.0 A. Output voltage 15 VDC; output current .65 (.58) A. Output voltage -15 VDC; output current .65 (.58) A. Input range 48 V nominal (38-63 VDC). DC/DC converter. 40/50 W output series. Output voltage 5 VDC; Output current 5.0 A. Output voltage 15 VDC; output current .65(.58) A. Output voltage -15 VDC; output current .65 (.58) A. Input range 110 V nominal (85-140 VDC).
|
International Power Sources
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CA506 SST511 CA508 SST509 SST508 SST510 SST506 SST |
Voltage Regulator IC; Output Current:500mA; Output Voltage:2.8V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Current Regulator Diode
|
Calogic LLC CALOGIC[Calogic LLC] CALOGIC[Calogic, LLC]
|
JAN1N5300U JANS1N5314UR-1 1N5283UR-1 1N5284UR-1 1N |
Current Limiter Diode Single Inverter Gate 5-SOT-23 -40 to 85 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.43 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB 4-Pin DIP Phototransistor Output Optocoupler 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 3.6 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.27 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 4.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.33 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.91 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.39 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB Pulse-Width-Modulation (Pwm) Control Circuit 16-SOIC 0 to 70 CURRENT REGULATOR DIODES
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
MP120D2 MP240D2 MPDCD3-B |
; Output Device:Transistor; Output Voltage Max:60VDC; Output Voltage Min:3VDC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:3A; Switching:Zero Cross; Leaded Process Compatible:Yes; Output Current Max:3A
|
Crydom Inc. CRYDOM CORP
|
MP5018 |
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
|
Monolithic Power System...
|