PART |
Description |
Maker |
FDMF8705 |
Driver plus FET Multi-chip Module
|
Fairchild Semiconductor
|
FDMF8704V |
High Efficiency / High Frequency FET plus Driver Multi-chip Module with Internal Voltage Regulator
|
Fairchild Semiconductor
|
TH50VSF4682AASB TH50VSF4683AASB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
520242-2 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; FL MOD JACK PC MT ASSY (6 POS) ( AMP )
|
Tyco Electronics
|
IS9-1715ARH/PROTO 5962F0052101VXC 5962F0052101QXC |
Complementary Switch FET Driver, Rad-Hard Radiation Hardened Complementary Switch FET Driver 3 A BUF OR INV BASED MOSFET DRIVER, CDFP16
|
Intersil Corporation Intersil, Corp.
|
IRS2135DJPBF |
3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package
|
International Rectifier
|
M39P0R9070E2 M39P0R9070E2ZADE M39P0R9070E2ZADF |
256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
|
Numonyx B.V
|
MAX244C/D MAX236C/D MAX245C/D MAX232AC/D MAX237C/D |
Transceiver Line Driver +5V-powered,Multi-Channel RS-232 driver / receiver +5V-Powered,Multi-Channel RS-232 Drivers/Receivers
|
Maxim Integrated Products, Inc. 收发
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
D2221UK |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(7.5W-12.5V-1GHz,Single Ended)(镀金多用DMOS射频硅场效应7.5W-12.5V-1GHz,单端)
|
SemeLAB SEME-LAB[Seme LAB]
|