PART |
Description |
Maker |
FDPF10N60ZUT12 |
N-Channel MOSFET, FRFET 600V, 9A, 0.8Ω
|
Fairchild Semiconductor
|
FCA47N60F |
600V N-Channel MOSFET, FRFET 47 A, 600 V, 0.073 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDD5N50F |
N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ohms N-Channel MOSFET, FRFET 500V, 3.5A, 1.55ヘ N-Channel MOSFET, FRFET 500V, 3.5A, 1.55Ω
|
Fairchild Semiconductor
|
FCH072N60F-ND |
FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 mΩ N-Channel SuperFET? II FRFET? MOSFET
|
Fairchild Semiconductor
|
FDPF5N50UT FDP5N50U |
N-Channel MOSFET, FRFET
|
Fairchild Semiconductor Corporation
|
FDH45N50FF133 |
500V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
FDH45N50F0605 FDH45N50F |
500V N-Channel MOSFET, FRFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FCH190N65F-F085 FCH190N65F-F085-15 |
N-Channel SuperFET II FRFET MOSFET
|
Fairchild Semiconductor
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQU1N60C FQD1N60C FQD1N60CTF FQD1N60CTM FQU1N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|