PART |
Description |
Maker |
AL4CX293 AL4CX263 AL4CX283 AL4CX273 |
16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
|
AverLogic Technologies Inc
|
AL5DS9069V AL5DS9159V AL5DS9199V AL5DS9169V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit 3.3V的同步双端口SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C4261 CY7C4271-25AI CY7C4271-25JI CY7C4271-10AC |
16K/32K x 9 Deep Sync FIFOs
|
http:// Cypress Semiconductor
|
89C51RC2-CM 89C51RC2-IL 89C51RC2-IM 89C51RB2-IL 89 |
Microcontroller with 16K/32K Bytes Flash
|
ATMEL Corporation
|
AT89C51RC20312 AT89C51RC2-3CSCM AT89C51RC2-3CSIM A |
Microcontroller with 16K/32K Bytes Flash
|
ATMEL Corporation http://
|
AT89C51RB2-3CSUM AT89C51RC2-3CSUM 89C51RC2-UL 89C5 |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
ATMEL Corporation
|
AK93C95AF AK93C10AF AK93C85A AK93C85A_04 AK93C85AM |
16K / 32K / 64Kbit Serial CMOS EEPROM
|
AKM[Asahi Kasei Microsystems]
|
CY7C145AV-25JC CY7C144AV-20AC CY7C144AV-20JC CY7C1 |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor
|
CY7C056V-15AXC CY7C057V-15AXC CY7C057V-12AXC CY7C0 |
3.3 V 16K/32K x 36 FLEx36Asynchronous Dual-Port Static RAM
|
Cypress
|
ATMEGA16HVB-8X3 |
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
|
http://
|