PART |
Description |
Maker |
B59100C0920A070 B59100C0010A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS[EPCOS]
|
B59008C0060A040 B59008C0090A040 B59008C0070A040 B5 |
PTC thermistors as limit temperature sensors
|
EPCOS
|
B59701 B59701A0130A062 B59701A0090A062 B59701A0100 |
Limit Temperature Sensors, SMDs, EIA Size 0805
|
EPCOS
|
B59601A0095B062 B59601A0075B062 B59601A0075A062-10 |
PTC thermistors as limit temperature sensors SMD, EIA case sizes 0603 PTC thermistors as limit temperature sensors SMD, EIA case sizes 0603
|
EPCOS
|
NCV8403STT1G NCV8403DTRKG NCV8403STT3G |
Self-Protected Low Side Driver with Temperature and Current Limit BUF OR INV BASED PRPHL DRVR, PDSO4 Self-Protected Low Side Driver with Temperature and Current Limit 42 V, 14 A, Single N−Channel, SOT−223
|
ON Semiconductor
|
NID5001NT4 NID5001N NID5001NT4G |
Self-protected SmartDiscrete, 42V clamp, Temp & Current Limit, ESD, DPAK Self-protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
WS57C49C WS57C49C-25D WS57C49C-25J WS57C49C-25S WS |
THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2900; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes CURRENT LIMITER INRSH 33 OHM 20% THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:2.5R; Tolerance, resistance: /-20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes CURRENT LIMITR INRSH 4.7 OHM 20% CURRENT LIMITR INRSH 2.5 OHM 20% 高K的8的CMOS胎膜早破/ RPROM HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
TC626040VZB TC626050VZB TC626080VZB |
TEMPERATURE LIMIT SWITCH
|
TelCom Semiconductor
|
NIF5003N |
Self-Protected FET with Temperature and Current Limit(带温度和电流限制的自保护FET)
|
ON Semiconductor
|
NCV8406ADTRKG NCV8406ASTT1G NCV8406ASTT3G NCV8406D |
Self-Protected Low Side Driver with Temperature and Current Limit
|
ON Semiconductor
|