PART |
Description |
Maker |
AT43USB351M04 AT43USB351M-AC AT43USB351M |
Low-/full-speed configurable USB microcontroller with a 1.5/12/24 MIPS AVR, 5 function endpoints, 12-channel 10-bit ADC, PWM and 24 Kbytes of program ROM Full-speed/ Low-speed USB Microcontroller with ADC and PWM
|
ATMEL[ATMEL Corporation]
|
ST7SCRDIE ST7FSCR1E4M1 -ST7SCRDIE ST72SCR1X4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER 8位低功耗,全速USB微控制器6K的闪存,768内存,智能卡的I /楼,计时 ST7SCR - 8-BIT LOW-POWER. FULL-SPEED USB MCU WITH 16K FLASH. 768 RAM. SMARTCARD I/F. TIMER (DATA BRIEFING)
|
STMicroelectronics N.V. 意法半导
|
ADUM4160 ADUM4160BRWZ EVAL-ADUM4160EBZ |
Full/Low Speed USB Digital Isolator
|
Analog Devices
|
CY7C64713 CY7C64714 |
EZ-USB FX1 USB Microcontroller Full-speed USB Peripheral Controller(EZ-USB FX1 USB微控制器,全速USB外设控制
|
Cypress Semiconductor Corp.
|
SST32HF202-70-4C-L3K SST32HF202-90-4C-L3K SST32HF2 |
RAW120-02378-0001 CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller 2K x 8 Dual-Port Static RAM Low-Cost 3.3V Zero Delay Buffer MIXED MEMORY|SRAM EEPROM|CMOS|BGA|48PIN|PLASTIC 混合存储器|静态存储器EEPROM中|的CMOS | BGA封装| 48PIN |塑料
|
Microchip Technology, Inc.
|
PL2303SA |
Full Compliant with USB Specification v2.0 (Full-Speed)
|
List of Unclassifed Man...
|
Y5-48S5 Y5-48-5 Y5-24-5 Y5-24-15 Y5-24S5 Y5-48-12 |
Analog IC Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller USB LOW SPEED, 3 ENDPOINT, ENCORE II, 24-SOIC EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller ENCORE II USB, 8K FLASH, 256 BYTE RAM, 32 QFN 模拟IC EZ-USB AT2LP™ USB 2.0 to ATA/ATAPI Bridge EZ-USB NX2LP-Flex™ Flexible USB NAND Flash Controller CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array
|
东电?中国)投资有限公司
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
FT312D FT312D-32L1C FT312D-32Q1C FT312D-32Q1C-R FT |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. USB Android Host IC
|
Future Technology Devic...
|
ST7FSCR1E4 ST7SCR1E4 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER (DATA BRIEFING)
|
ST Microelectronics
|
MAX3349EEBET MAX3349EETE |
USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode LINE TRANSCEIVER, PBGA16 Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
|
Maxim Integrated Products, Inc.
|