PART |
Description |
Maker |
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AAT3190ITP-1-T1 AAT3190ITP-T1 AAT3190 AAT3190IKS-T |
Positive/Negative Charge Pump for Voltage Bias
|
Advanced Analogic Techn... Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
CAT3200 CAT3200ZI-GT3 CAT3200TDI-GT3 |
Low Noise Regulated Charge Pump DC-DC Converter DC-DC, 2x Charge Pump, Vadj -100 mA 0.2 A SWITCHED CAPACITOR REGULATOR, 2600 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
MAX8847ZETET MAX8847YETET MAX8847Z |
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
|
Maxim Integrated Products
|
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
MAX1759 MAX1759EUB |
Buck/Boost Regulating Charge Pump in uMAX Buck/Boost Regulating Charge Pump in MAX Buck/Boost Regulating Charge Pump in レMAX
|
MAXIM[Maxim Integrated Products]
|
ADF4110 ADF4111 ADF4112 ADF4113 |
Single, Integer-N, 550 MHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N, 1.2 GHz PLL With Programmable Prescaler And Charge Pump Single, Integer-N 3.0 GHz PPL With Programmable Prescaler And Charge Pump Single, Integer-N 4.0 GHz PLL With Programmable Prescaler And Charge Pump
|
Analog Devices
|
NCP372MUAITXG |
Positive and Negative OVP BUF OR INV BASED PRPHL DRVR, PDSO12 Positive and Negative Overvoltage Protection Controller
|
ON Semiconductor
|
CAT3604HV4-GT2 CAT3604HV4-T2 CAT3606HV4-GT2 CAT360 |
6-Channel Low Noise Charge Pump White LED Driver 4-Channel Regulated Charge Pump White LED Driver
|
ON Semiconductor
|
LTC1522 LTC1522CMS8 1522F LTC1522CS8 |
From old datasheet system Micropower/ Regulated 5V Charge Pump DC/DC Converter Micropower, Regulated 5V Charge Pump DC/DC Converter
|
LINEAR TECHNOLOGY CORP
|
LTC3202EMS LTC3202 LTC3202EMSTRPBF LTC3202-15 |
Low Noise, High Efficiency Charge Pump for White LEDs 低噪声,高效率电荷泵白光LED Low Noise, High Efficiency Charge Pump for White LEDs; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR CONVERTER, 1500 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|