PART |
Description |
Maker |
AAT2511 |
Dual 600mA, 1MHz Step-Down DC/DC Converter
|
Analogic Corporation
|
AAT2713 |
Low Noise Dual 600mA Step-Down Converter with Synchronization
|
Advanced Analogic Technologies
|
LTC3419EMS-1PBF LTC3419EDD-1PBF |
Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Monolithic 600mA Synchronous Step-Down Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
EDI8F8512C85B6I EDI8F8512LP85BSC EDI8F8512C85BSI E |
Monolithic 1A Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 1A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 4-Channel DC/DC Controller; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R Monolithic 600mA Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP High Frequency PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R Monolithic 2A Step-Down Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8的SRAM模块 Monolithic 600mA Step-Down Regulator with Low Quiescent Current; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc. Glenair, Inc. Amphenol, Corp.
|
EL7534IY EL7534IY-T7 EL7534IYZ-T13 EL7534IYZ-T7 EL |
Monolithic 600mA Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
AAT1126 AAT1126IGV-0.6-T1 |
600mA, 1MHz Step-Down Converter
|
Advanced Analogic Technologies
|
EL753406 EL7534IYZ-T7 EL7534 EL7534IY EL7534IY-T13 |
Monolithic 600mA Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
FP6160B FP6160BIR-LF-ADJ FP6160BKR-LF-ADJ |
600mA Synchronous Step-Down Regulator
|
Feeling Technology
|
PT1202 PT1202E23E-ADJ |
600mA Synchronous Step-Down DC-DC Converter
|
Powtech
|
AP3403FLJ-7 |
600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
|
Diodes Incorporated
|