PART |
Description |
Maker |
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
MB3883 MB388302 MB3883PV MB3883PFV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down DSC/Camcoder DC/DC Converters
|
FUJITSU[Fujitsu Media Devices Limited]
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM - Dallas Semiconductor
|
1-2007614-5 |
STEP-Z Mezzanine Connectors; STEP-Z 15MM PLUG 200P ( AMP )
|
Tyco Electronics
|
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
FAN560207 FAN5602MP5X FAN5602 FAN5602MP33X FAN5602 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
FAN56020705 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|
FAN5602MP33X FAN5602MP45X FAN5602 FAN5602MP5X FAN5 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
AN8018SA AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|