PART |
Description |
Maker |
REC3-243.3SRH1SMD REC3-4805SR REC3-483.3SRH1 REC3- |
3 Watt DIP24 & SMD Single & Dual Output 3 Watt DIP24 & SMD Single & Dual Output 3瓦特DIP24
|
RECOM Power Inc. RECOM Electronic GmbH
|
RP05-483.3SAW RP05-2405DAW RP05-2405SAW RP05-2412D |
5 Watt DIP24 & SMD, Single & Dual Output 5瓦特DIP24 5 Watt DIP24 & SMD, Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RTS-053.3HP RTS-053.3P RTS-093.3HP RTS-093.3P RTS- |
2 Watt SMD Single & Dual Output 2瓦特贴片 2 Watt SMD Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP30-483.3SEW RP30-2405SEW RP30-241.5SEW RP30-241. |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Power Inc. RECOM Electronic GmbH RECOM[Recom International Power]
|
RP-93.3S RP RP-0505D RP-0505S RP-0509D RP-0509S RP |
CAP Tantalum-Wet Miniature 6V 75.0 uF /-20% Silver can Axial , TPC - Hilton 1瓦特SIP7 SIP7 TV 29C 29#16 SKT WALL RECP 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-483.3SRWZ_H1 REC2.2-0505DRW_H1 REC2.2-0505D |
2.2 Watt DIP24 Single & Dual Output 2.2瓦特DIP24 2.2 Watt DIP24 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP75-483.3SN RP75-482.5SN RP75-483.3SP RP75-48051. |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|