PART |
Description |
Maker |
PVN012S-TPBF PVN012PBF PVN012SPBF |
Series PVN012PbF Microelectronic Power IC HEXFET? Power MOSFET Photovoltaic Relay
|
International Rectifier
|
PVA1054 PVA1052 PVA10 |
Microelectronic Power IC BOSFET Photovoltaic Relay
|
International Rectifier
|
65336 |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
|
International Rectifier
|
PVA3055NSPBF |
Microelectronic Power IC HEXFET? Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
|
International Rectifier
|
PVN012AS-TPBF PVN012APBF |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开 - 20V的,4.0a上交直流6.0a Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 20V的,4.0a上交直流6.0a
|
International Rectifier, Corp.
|
PVT422 |
Microelectronic Power IC Relay Dual Pole/ Normally Open 0-400V/ 120mA AC/DC Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
|
International Rectifier
|
PVT422P |
Microelectronic Power IC Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
|
IRF[International Rectifier]
|
PVT412 |
Microelectronic Power IC Relay Single Pole/ Normally Open/ 0-400V/ 140mA AC/DC
|
International Rectifier
|
PVT322A |
Microelectronic Power IC Relay Dual Pole/ Normally Open 0-250V/ 170mA AC/DC
|
International Rectifier
|
PVY116-T PVY116 |
HEXFETPower MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 250mA Microelectronic Power IC
|
IRF[International Rectifier]
|
DP2210 DP2110 |
(DP2xxx) Microelectronic Power IC Relay / Chipswitch DIP Relay
|
International Rectifier
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|