PART |
Description |
Maker |
UTCHE8550 HE8550-TO-92 |
PNP EPITAXIAL SILIC ON TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
PJ2N9012 PJ2N9012CX PJ2N9012CT |
40V; 500mA PNP epitaxial silicon transistor
|
PROMAX-JOHNTON ETC[ETC] List of Unclassifed Manufacturers
|
2SB1008 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 2A I(C) | TO-126 Low Freq. Power Amp. Epitaxial Planar PNP Silicon Darlington Transistor
|
Rohm CO.,LTD. ROHM Electronics
|
FMBT390411 |
200mA Silicon NPN Epitaxial Planar Transistor
|
Formosa MS
|
CMBD4148 CMBD1201 CMBD1202 CMBD1203 CMBD1204 CMBD1 |
0.250W SMD Single Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If 0.250W SMD Dual Switching Diode , 75.0V Vr, 5.000uA Ir, 1.05V Vf @ 200mA If SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
|
CDIL[Continental Device India Limited]
|
2N4403 2N4403/E6 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 600MA I(C) | TO-226AA Small Signal Transistor (PNP)
|
Vishay Siliconix
|
2SA1235A |
TRANSISTOR,BJT,PNP,50V V(BR)CEO,200MA I(C),SOT-23
|
Jiangsu Changjiang Electronics
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
KRA301E KRA303E KRA304E KRA306E KRA302E KRA305E |
EPITAXIAL PLANAR PNP TRANSISTOR 外延平面PNP晶体 From old datasheet system (KRA301E - KRA306E) EPITAXIAL PLANAR PNP TRANSISTOR Built in Bias Resistor
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|