PART |
Description |
Maker |
PCA9512 PCA9512D PCA9512DP |
Level shifting hot swappable I2C and SMBus buffer
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PCA9512A11 PCA9512BD PCA9512BDP |
Level shifting hot swappable I2C-bus and SMBus bus buffer
|
NXP Semiconductors
|
LTC4307-1 LTC4307CDD-1-PBF LTC4307CDD-1-TRPBF LTC4 |
High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 0.05 A BUF OR INV BASED PRPHL DRVR, PDSO8 Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A BUF OR INV BASED PRPHL DRVR, PDSO8
|
Linear Technology, Corp.
|
LTC4300-2CMS8 LTC4300-2IMS8 LTC4300-1CMS8 LTC4300- |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Hot Swappable 2-Wire Bus Buffers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp. Linear Technology Corporation
|
ADC08038CIWMX ADC08034CIWMX ADC08031CIWMX |
Hot Swappable 2-Wire Bus Buffers; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Analog-to-Digital Converter, 8-Bit
|
ADC
|
CBTD3306PW CBTD3306D CBTD3306GM CBTD3306GT CBTD330 |
Dual bus switch with level shifting Multiple package options Dual bus switch with level shifting 双总线电平转换开
|
NXP Semiconductors N.V.
|
PCA9510 PCA9510D PCA9510DP PCA9511 PCA9511D PCA951 |
Hot swappable I2C and SMBus bus buffer
|
PHILIPS[Philips Semiconductors]
|
LTC4300A-1 |
(LTC4300A-1/-2) Hot Swappable 2-Wire Bus Buffers
|
Linear Technology
|
IDT74ALVC164245PAG |
CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS IC LOGIC 164245 16-BIT 3.3V TO 5.0V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS 3.3V -40 85C TSSOP-48 39/TUBE
|
INTEGRATED DEVICE TECHNOLOGY INC
|
ADUM2251ARWZ-RL ADUM2250ARWZ-RL |
Hot-Swappable, Dual I2C Isolators, 5 kV SPECIALTY ANALOG CIRCUIT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
UM3089E UM3089EESD |
±15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
|
Union Semiconductor, Inc.
|
NC7WZ00L8X NC7WBD3125 NC7WBD3125K8X NC7WBD3125L8XP |
TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting 微型逻辑。超高强2位低功耗总线电平转换开 TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting CBT/FST/QS/5C/B SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PDSO8
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|