PART |
Description |
Maker |
NSDEMN11XV6T1 |
(NSDEMN11XV6T1 / NSDEMN11XV6T5) Common Cathode Quad Array Switching Diode
|
ON Semiconductor
|
SDM6CC-7 SDM6CC |
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
|
Diodes Incorporated
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
200CNQ045 200CNQ040 200CNQ 200CNQ035 |
45V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 40V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package 35V 200A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package SCHOTTKY RECTIFIER SCHOTTKYRECTIFIER PLT LIGHT LENS 24 VAC/DC RED LED
|
IRF[International Rectifier] InternationalRectifier
|
CMPSH05-4C |
SMD Schottky Diode Dual: Common Cathode SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
15CTQ045-1 15CTQ045S 15CTQ040S 15CTQS 15CTQ 15CTQ0 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 35V 15A Schottky Common Cathode Diode in a TO-262 package 45V 15A Schottky Common Cathode Diode in a TO-262 package 35V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-220AB package 40V 15A Schottky Common Cathode Diode in a TO-262 package 40V 15A Schottky Common Cathode Diode in a D2-Pak package 45V 15A Schottky Common Cathode Diode in a D2-Pak package 35V 15A Schottky Common Cathode Diode in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
161CNQ...SERIES 161CNQ045 161CNQ035 161CNQ 161CNQ0 |
45V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package 40V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package 35V 160A Schottky Common Cathode Diode in a TO-249AA Non-Isolated package SCHOTTKY RECTIFIER 160 Amp
|
IRF[International Rectifier]
|
MURB2020CT-1 MUR2020CT MURB2020CT MURB2020CTTRL MU |
200V 20A HEXFRED Common Cathode Diode in a TO-220AB package Ultrafast Rectifier 200V 20A HEXFRED Common Cathode Diode in a D2-Pak (UltraFast) package 200V 20A HEXFRED Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
OM4213SC OM4219SC OM4220SC OM4219DC |
25 A, SILICON, RECTIFIER DIODE, TO-258AA 50A 100V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package 50A 60V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package 50A 45V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package
|
International Rectifier
|