PART |
Description |
Maker |
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
M1MA151WAT1 M1MA152WA ON0329 M1MA152WAT1 M1MA151WA |
Common Anode Silicon Dual Switching Diodes 双共阳极硅开关二极管 Common Anode Silicon Dual Switching Diodes 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE COMMON ANODE DUAL SWITCHING DIODES 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system SC-59 PACKAGE COMMON CATHODE
|
Motorola Mobility Holdings, Inc. ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
LM1MA142WKT3G LM1MA141WKT1 LM1MA141WKT1G LM1MA141W |
Common Cathode Silicon Dual Switching Diode
|
LRC[Leshan Radio Company]
|
DAN222-D |
Common Cathode Silicon Dual Switching Diode
|
ON Semiconductor
|
CSHDD16-40C CSHDD16-100C CSHDD16-60C |
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS 8 A, 60 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CSHDD16-60C CSHDD16-100C CSHDD16-40C |
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
CSHDD16-100C CSHDD16-40C CSHDD16-40C10 CSHDD16-60C |
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP
|
Central Semiconductor Corp
|
CMXSH2-4LC |
SURFACE MOUNT DUAL PAIR, COMMON CATHODE LOW VF SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp
|
CMPZDC20V CMPZDC27V CMPZDC30V CMPZDC33V CMPZDC36V |
SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
|
Central Semiconductor Corp Central Semiconductor C...
|
MBR25H35CT10 MBRB25H45CT-E3/81 MBRB25H45CT-HE3/45 |
Dual Common-Cathode Schottky Rectifier 15 A, 45 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
BAV70DXV6T1 |
Monolithic Dual Switching Diode Common Cathode 0.2 A, 4 ELEMENT, SILICON, SIGNAL DIODE
|
ON Semiconductor
|