PART |
Description |
Maker |
KF284S |
280MHz Band Paging System SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
KF930S KF930V |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER) 900MHz Band Paging System
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
KF325AS |
SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THE RECEIVING RF CIRCUITS OF PAGER) 300MHz Band Paging System
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LT1812 LT1812CS8 LT1812IS8 1812F LT1812CS5 LT1812I |
3mA, 100MHz, 750V/us Operational Amplifier with Shutdown 3毫安00MHz的,750V/us运算放大器具有关 CAP 330PF 250VAC CERAMIC Y2/X1 OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 3mA/ 100MHz/ 750V/us Operational Amplifier with Shutdown From old datasheet system
|
STMicroelectronics N.V. Linear Technology, Corp. LINER[Linear Technology]
|
CXA1884N |
Low-Voltage FM IF Amplifier for Paging System Receiver(低电压调频(FM)、中频(IF)放大器(用于无线寻呼系统接收器
|
Sony Corporation
|
LT1812IS6TRMPBF LT1812CS6TR LT1812IS5PBF LT1812CS8 |
3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO6 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO5 3mA, 100MHz, 750V/µs Operational Amplifier with Shutdown; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1228 LT1228C LT1228CJ8 LT1228CN8 LT1228CS8 LT122 |
From old datasheet system 100MHz Current Feedback Amplifier with DC Gain Control
|
LINER[Linear Technology]
|
LT1223 LT1223C LT1223CJ8 LT1223CN8 LT1223CS8 LT122 |
Quad 2-input Positive-NOR buffers with open collector outputs 14-SOIC 0 to 70 100MHz Current Feedback Amplifier From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
PCF5001 PCF5001H PCF5001T |
POCSAG Paging Decoder
|
NXP Semiconductors
|
ICS9148-49 |
BX Main Clock, 2 Chip Clock, Supports 66.6 - 100MHz From old datasheet system
|
ICS
|