PART |
Description |
Maker |
H6779-03 H6779-04 |
Photosensor Modules
|
N.A.
|
H7827-011 H7827-012 H7827-001 H7827-00108 H7827-00 |
photosensor modules consist of a 28-mm (1-1/8) diameter side-on photomultiplier tube
|
Hamamatsu Corporation
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
CNZ2153 |
Reflective Photosensor
|
Panasonic Semiconductor
|
CNZ1414A |
Integrated Photosensor
|
PANASONIC[Panasonic Semiconductor]
|
CLI300 |
IRED - Photosensor Photointerrupters
|
Clairex Technologies, Inc
|
QSE15604 QSE159 QSE156 QSE157 QSE158 QSE159E3R0 |
PLASTIC SILICON OPTOLOGIC PHOTOSENSOR
|
FAIRCHILD[Fairchild Semiconductor]
|
H7422 H7422-01 H7422P-50 H7422-02 H7422-20 H7422-4 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No OSC 5V SMT PLAS 14X9 CMOS Slidelock; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Photosensor Modules
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
OPB420AZ OPB420BZ |
Right Angle Sensor: LED in tower, photosensor in base
|
OPTEK Technologies
|
ON2175 |
Reflective photosensor Tape end sensor for DAT
|
Panasonic Corporation
|
ADJD-J823 |
Color Management Controller with Integrated RGB Photosensor 色彩管理控制器集成RGB
|
Avago Technologies Ltd. Avago Technologies, Ltd.
|
PM20CSJ060 PM400DAS060 PM100DSA120 PM300CVA060 PM3 |
IPMS Modules: 600V MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE IPMS Modules:1200V 50Amp - intelligent power modules
|
Mitsubishi Electric Corporation
|