PART |
Description |
Maker |
REF191 REF191ES REF191FS REF191GBC REF191GP REF191 |
From old datasheet system Precision Micropower Low Dropout Voltage References Precision Micropower, Low Dropout, Voltage References
|
AD[Analog Devices]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MAX6030 MAX6021 MAX6012 MAX6041 MAX6025 |
Precision, Low-Power, Low-Dropout,SOT23-3 Voltage References
|
Maixm
|
TSM6025 |
Low-Power/Low-Dropout Precision Voltage Reference
|
Touchstone Semiconductor
|
GM66015-3.3ST3R GM66015-3.3ST3T GM66015-3.3TA3R GM |
1.5A LOW DROPOUT PRECISION REGULATOR
|
Gamma Microelectronics Inc.
|
NCP706MX300TAG NCP706MX295TAG |
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
|
ON Semiconductor
|
NCP706 NCP706MX21TAG NCP706MX22TAG |
1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
|
ON Semiconductor
|
5962-8853801V2A 5962-8853801VPA 5962R8853801VPA |
Voltage-Feedback Operational Amplifier Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References 电压反馈运算放大
|
Rubycon, Corp.
|
GM6603-ATC3TG GM6603-ATC3RG GM6603-5.0TA3RG GM6603 |
3.0A LOW DROPOUT PRECISION REGULATOR 3.0A LOW DROPOUT PRECISION REGULATOR
|
Gamma Microelectronics Inc. Gamma Microelectronics ...
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|